PART |
Description |
Maker |
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MAX16008 MAX16008TP MAX16009TG |
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN Low-Voltage, High-Accuracy, Quad Window Monitor in Small TQFN Package
|
Maxim Integrated Products
|
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6710UT-T MAX6710IUT MAX6700UT-T MAX6710BUTT MAX |
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MPXHZ6115A MPXHZ6115AC6U MPXAZ6115A MPXAZ6115A6T1 |
Media Resistant and High Temperature Accuracy Integrated Pressure Sensor Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor CAP 68UF 6V 20% TANT SMD-6032-28 TR-7
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
ACS722KMATR-40AB-T |
High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
|
Allegro MicroSystems
|
MP4012DS |
High-Brightness, High-Current Accuracy WLED Controller
|
Monolithic Power Systems
|
MCP1755-1802E/MC MCP1755-5002E/MC MCP1755S-1802E/M |
300 mA, 16V, High-Performance LDO
|
Microchip Technology
|
BL8034 BL8034CS8TR |
4A, 16V High Efficiency Synchronous Step-Down Converter
|
SHANGHAI BELLING CO., L...
|